Part Number Hot Search : 
TM50D KBPC350 256P30 LM293ADT MAX8753 SF540 UPD168 2118M
Product Description
Full Text Search
 

To Download 2N5237 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 Data Sheet No. 2N5237
Type 2N5237
Geometry 3111 Polarity NPN Qual Level: JAN - JANTXV
Features: * * * * Silicon power transistor for use in high speed switching applications. Housed in a TO-39 case. Also available in chip form using the 3111 chip geometry. The Min and Max limits shown are per MIL-PRF-19500/394 which Semicoa meets in all cases.
Generic Part Number: 2N5237
REF: MIL-PRF-19500/394
TO-39
Maximum Ratings
TC = 25oC unless otherwise specified
Rating
Collector-Emitter Voltage Collector-Base Voltage Emitter-Base Voltage Collector Current, Continuous Power Disipation TA = 25oC ambient Derate above 25oC Power Disipation TA = 25oC ambient Derate above 25oC Thermal Impedance Operating Junction Temperature Storage Temperature
Symbol
VCEO VCBO VEBO IC PT PT RJC RJA TJ TSTG
Rating
120 150 10 10 1.0 5.7 5.0 50 0.020 0.175 -65 to +200 -65 to +200
Unit
V V V A mW mW/oC Watt mW/oC o C/mW
o
C/mW
o
C C
o
Data Sheet No. 2N5237
Electrical Characteristics
TC = 25 C unless otherwise specified
o
OFF Characteristics
Collector-Base Breakdown Voltage IC = 10 A Collector-Emitter Breakdown Voltage IC = 0.1 A, pulsed Emitter-Base Breakdown Voltage IE = 10 A Collector-Emitter Cutoff Current VCE = 110 V VBE = 0.5 V, VCE = 150 V VBE = -0.5 V, VCE = 150 V, TC = +150oC Base-Emitter Cutoff Current VEB = 5 V Collector-Base Cutoff Current VCB = 80 V
Symbol
V(BR)CBO V(BR)CEO V(BR)EBO ICEO1 ICEX ICEX2 IEBO ICBO
Min
150 120 7.0 -----------
Max
---
Unit
V V
--10 10 100 0.1 0.1
V A A A A A
ON Characteristics
Forward Current Transfer Ratio IC = 1 A, VCE = 5 V, pulsed IC = 5 A, VCE = 5 V, pulsed IC = 10 A, VCE = 5 V IC = 5 A, VCE = 5 V, TC = -55oC Base-Emitter Saturation Voltage IC = 5 A, IB = 0.5 A, pulsed IC = 10 A, IB = 1 A, pulsed Collector-Emitter Saturation Voltage IC = 5 A, IB = 0.5 A, pulsed IC = 10 A, IB = 1 A, pulsed Safe Operating Area, Continuous DC TC = 25 C, t = 1.0 s
o
Symbol
hFE1 hFE2 hFE3 hFE4 VBE(sat)1 VBE(sat)2 VCE(sat)1 VCE(sat)2
Min
50 40 10 20 ---------
Max
225 120 ----1.5 2.5 0.6 2.5
Unit
--------V dc V dc V dc V dc
VCE = 40 V, IC = 0.22 A VCE = 70 V, IC = 90 mA
Small Signal Characteristics
Magnitude of Common Emitter Small Signal Short Circuit Forward Current Transfer Ratio VCE = 10 V, IC = 0.2 A, f = 10 MHz Small Signal, Short Circuit Forward Current Transfer Ratio VCE = 10 V, IC = 50 mA, f = 1 kHz Open Circuit Output Capacitance VCB = 10 V, IE = 0, 100 kHz < f < 1 MHz
Symbol
|hfe|
Min
1.5
Max
7.5
Unit
---
hfe COBO
40 ---
160 350
--pF
Switching Time
Delay Time Per figure 4, MIL-PRF-19500/394C Rise Time Per figure 4, MIL-PRF-19500/394C Storage Time Per figure 4, MIL-PRF-19500/394C Fall Time Per figure 4, MIL-PRF-19500/394C
Symbol
td tr ts tf
Min
---------
Max
50 500 1.5 50
Unit
ns ns ns ns


▲Up To Search▲   

 
Price & Availability of 2N5237

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X